Part Number Hot Search : 
25RIA20M MX7536BQ 40106 MAX481 EL2005 H5400NL AP9960M 2SD24
Product Description
Full Text Search
 

To Download HY204XX01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HY204XX01 20 char x 4 line 1 external dimension and display pattern * led backlight version=9.4 ** led backlight version=14.2 2 mechanical data 5 absolute maximum ratings 3 pin configuration 6 electrical characteristics (ta=25 ) spec. value pin symbol signal description item symbol condition min. typ. max. unit 1 v ss gnd (0v) supply voltage (logic) v dd - v ss 4.5 5.0 5.5 v 2 v dd power supply supply current (logic) i dd v dd =5v - 0.8 2.0 ma 3 v o supply voltage lcd driving ?high? v ih - 2.2 - v dd v 4 rs register select low = instruction, high = data input voltage ?low? v il - -0.3 - 0.6 v ?high? v oh -i oh =0.2ma 2.4 - - v 5 r/w read/write low = mpu to lcm, high = lcm to mpu output voltage ?low? v ol i ol =1.2ma - - 0.4 v 6 e enable r/w= low : data are talking over at falling edge r/w=high : data can be read at e=1 lcd operating voltage v dd - v o 4.2 - 4.4 (7.8) 4.6 - v 7 ~ 14 db 0 to db 7 data bus-software selectable 4 or 8bit mode 15 a anode of led unit 16 k cathode of led unit supply voltage lcd drive i o v dd =5v, ta =2 5 - 1.0 1.5 ma note : ( ) value is high reliability type 4 block diagram 7 backlighting characteristics (ta=25 ) led item specification unit parameter symbol min. max. unit module size (wht) 98.060.09.2 (led:14.2) mm supply voltage (logic) v dd - v ss -0.3 7.0 v viewing area (wh) 76.025.2 mm supply voltage (driver) v o v dd - 12 v dd + 0.3 v character font (wh) 57 with cursor dots input voltage v in -0.3 v dd + 0.3 v character size (wh) 2.954.75 mm character pitch (wh) 3.555.35 mm dot size (wh) 0.550.55 mm item symbol condition min. typ. max. unit supply voltage v led - - 4.0 4.2 v power consumption p led i f =180ma - 720 - mw luminous i v i f =180ma - - - cd/m 2


▲Up To Search▲   

 
Price & Availability of HY204XX01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X